| データシートサーチシステム |
|
SH7041A データシート(PDF) 373 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 373 Page - Renesas Technology Corp |
|
373 / 923 page ![]() 335 TGR0B TGR0A H'0000 TGR0C TGR0A TIOC0A H'0450 H'0520 H'0200 H'0450 H'0520 H'0200 TCNT value Time Transfer H'0450 H'0200 Figure 12.20 Buffer Operation Example (Output Compare Register) Buffer Operation Examples—when TGR Is an Input Capture Register: Figure 12.21 shows an example of TGRA set as an input capture register with the TGRA and TGRB registers set for buffer operation. The TCNT counter is cleared by a TGRA register input capture, and the TIOCA pin input capture input edge is selected as both rising and falling edge. Because buffer mode is selected, an input capture A causes the TCNT counter value to be stored in the TGRA register, and the value that was stored in the TGRA up until that time is simultaneously transferred to the TGRC register. H'0F07 H'09FB H'0532 H'0000 TGRA TGRC TIOCA H'0532 H'09FB H'0F07 TCNT value Time H'0F07 H'0532 Figure 12.21 Buffer Operation Example (Input Capture Register) |