| データシートサーチシステム |
|
PM7366-PI データシート(PDF) 27 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7366-PI データシート(HTML) 27 Page - PMC-Sierra, Inc |
|
27 / 286 page ![]() RELEASED PM7366 FREEDM-8 DATA SHEET PMC-1970930 ISSUE 4 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 14 Pin No. Pin Name Type -PI -BI Function TD[0] TD[1] TD[2] TD[3] TD[4] TD[5] TD[6] TD[7] Output L1 L3 M1 M3 N1 N3 P2 P3 L20 L18 M20 M18 M17 P20 N17 R20 The transmit data signals (TD[7:0]) contains the transmit data for the 8 independently timed links. Processing of the transmit links is on a priority basis, in descending order from TD[0] to TD[7]. Therefore, the highest rate link should be connected to TD[0] and the lowest to TD[7]. For channelised links, TD[n] contains the 24 (T1) or 31 (E1) time-slots that comprise the channelised link. TCLK[n] must be gapped during the T1 framing bit position or the E1 frame alignment signal (time-slot 0). The FREEDM-8 uses the location of the gap to determine the channel alignment on TD[n]. For unchannelised links, TD[n] contains the HDLC packet data. For certain transmission formats, TD[n] may contain place holder bits or time-slots. TCLK[n] must be externally gapped during the place holder positions in the TD[n] stream. The FREEDM-8 supports a maximum data rate of 10 Mbit/s on an individual TD[7:3] link and a maximum data rate of 52 Mbit/s on TD[2:0] TD[7:0] is updated on the falling edge of the corresponding TCLK[7:0] clock. TBD Input W15 V6 The transmit BERT data signal (TBD) contains the transmit bit error rate test data. When the TBERTEN bit in the BERT Control register is set high, the data on TBD is transmitted on the selected one of the transmit data signals (TD[7:0]). TBD is sampled on the rising edge of TBCLK. TBCLK Tristate Output Y16 Y5 The transmit BERT clock signal (TBCLK) contains the transmit bit error rate test clock. TBCLK is a buffered version of the selected one of the transmit clock signals (TCLK[7:0]). TBCLK may be tri-stated by setting the TBEN bit in the FREEDM-8 Master BERT Control register low. |