| データシートサーチシステム |
|
3G5A2-RPT01-E データシート(PDF) 92 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-E データシート(HTML) 92 Page - Omron Electronics LLC |
|
92 / 182 page ![]() 79 Non-fatal Errors Item Cause CPU indicators Peripheral Device error Power RUN ERROR WDT ALARM OUT INT COMM message System error (FAL) Program has ex- ecuted FAL Lit Lit Unlit Unlit Lit --- --- SYSTEM ERR FAL JMP error Destination of JMP/ CJP/CJPN is miss- ing. Lit Lit Unlit Unlit Lit --- --- JMP ERR Indirect DM BCD error Data for indirectly addressed DM is not BCD. Lit Lit Unlit Unlit Lit --- --- INDIRECT DM BCD ERR Non-fatal SFC error Error has occurred during SFC execu- tion. Lit Lit Unlit Unlit Lit --- --- SFC CONTIN- UE ERR I/O verification error I/O table contains a different number of I/O points than is actually mounted. Lit Lit Unlit Unlit Lit --- --- I/O VERIFY ERR CPU Bus Unit error Parity error occurs during data transfer between CPU and CPU Bus Unit. Lit Lit Unlit Unlit Lit --- --- CPU SPECIAL UNIT ERR SYSMAC BUS/2 error Error occurs be- tween Master and Slave in SYSMAC BUS/2. Lit Lit Unlit Unlit Lit --- --- SYSMAC BUS/2 ERR SYSMAC BUS error Error occurs be- tween Master and Slave in SYSMAC BUS. Lit Lit Unlit Unlit Lit --- --- SYSMAC BUS ERR Battery failure Battery of CPU or Memory Card is not connected or bat- tery voltage is low. Lit Lit Unlit Unlit Lit --- --- BATTERY ERR CPU Bus Unit setting error Number assigned to CPU Bus Unit does not agree with registered unit number. Lit Lit Unlit Unlit Lit --- --- CPU SPECIAL UNIT SETTING ERR Momentary power interrup- tion Momentary power interruption oc- curred (when spe- cified as error by in PC Setup) Lit Lit Unlit Unlit Lit --- --- PROTECTED Output inhibit (*) Bit A00015 is ON. Lit Lit Unlit Unlit --- Lit --- --- Host link com- munication Error has occurred during host link communication Lit Lit Unlit Unlit --- --- Lit --- Note *All outputs of the I/O Units are turned OFF. Error Messages and Alarm Outputs Section 5-1 |