| データシートサーチシステム |
|
3G5A2-RPT01-E データシート(PDF) 46 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-E データシート(HTML) 46 Page - Omron Electronics LLC |
|
46 / 182 page ![]() 33 2-3-3 I/O Interface Units One I/O Interface Unit is needed on the Expansion CPU Rack and on each Ex- pansion I/O Rack. Two models of I/O Interface Unit are available, the CV500-II101 for the Expansion CPU Rack and the CV500-II201 for Expansion I/O Racks. An I/O Interface Unit enable data communication between Racks. The I/O Interface Unit must be mounted to the leftmost slot on the Expansion CPU and Expansion I/O Backplane. CV500-II101 I/O connectors The connectors are functionally identical and ei- ther can be used to connect to the preceding or succeeding Rack. CPU bus connector Display Rack number switch Display mode switch Changes the data displayed on the display. CV500-II201 I/O Connectors Both connectors are functionally identical and ei- ther can be used to connect to the preceding or succeeding Rack. Display Rack number switch Display mode switch Changes the data dis- played on the display. Peripheral device connec- tor cover Attach a Termination Resistance Unit to the unused I/O Connecting Cable Con- nector of the last Rack in a each series leading from the CPU Rack. Rack Components Section 2-3 |