データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 94 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 94 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 90Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 91Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 92Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 93Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 94Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 95Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 96Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 97Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 182 page
background image
81
5-2
Troubleshooting Flowcharts
Main Flowchart
When an unknown error arises, the following troubleshooting flowchart can be
used to help locate the problem.
POWER indicator lit?
YES
Main flowchart
See Power Check Flowchart
NO
RUN indicator lit?
YES
See Fault Check Flowchart
NO
ALARM indicator
lit?
See Error Check Flowchart
I/O sequence
correct?
YES
See I/O Check Flowchart
NO
Environment normal?
YES
See Environment Check Flowchart
NO
YES
NO
Replace Unit
Note
1. Before replacing a Unit, be sure to turn off the power to the PC. The same
applies to when replacing the Expansion Data Memory Unit, batteries, wir-
ing, and cables.
2. When replacing the CPU, start operation only after transferring the contents
of the data memory or holding bits that are required for resuming operation
to the replaced CPU.
Troubleshooting Flowcharts
Section 5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More