| データシートサーチシステム |
|
3G5A2-RPT01-E データシート(PDF) 96 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-E データシート(HTML) 96 Page - Omron Electronics LLC |
|
96 / 182 page ![]() 83 Fault Check Flowchart A C B B A B RUN indicator not lit NO RUN or MONITOR mode? YES ERROR indi- cator lights? NO Can Online mode be set? YES NO WDT indica- tor lights? NO YES Can Online mode be set? YES NO WDT indica- tor lights? YES ON A30600 ON? OFF ON A30601 ON? OFF ON A30602 ON? OFF ON A30603 ON? OFF NO RUN indica- tor lights? YES *When an I/O verifica- tion error is specified as a fatal error in the PC Setup. **This error does not occur when disabled as an error in the PC Setup. At this time, it is assumed that the POWER indicator is normally lit. (To next page) YES NO START input OFF Connect peripheral de- vice and check error Check word A306 I/O verify error* SYSMAC BUS terminator missing SYSMAC BUS/2 termina- tor missing** Close START input termi- nals of Power Supply Unit Unit is disconnected. Iden- tify erroneous Unit by veri- fying I/O table, mount Unit correctly, and then create I/O table Check terminator and Slave Rack Power Supply Unit of SYSMAC BUS Check terminator and Slave Rack Power Supply Unit of SYSMAC BUS/2 End Replace Unit Turn power OFF and ON again Set RUN or MONITOR mode Troubleshooting Flowcharts Section 5-2 |