データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 31 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 31 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 27Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 28Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 29Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 30Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 31Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 32Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 182 page
background image
18
When only one Expansion I/O Rack is required, a simplified system configura-
tion may be used. The CPU Backplane can be connected directly to the Expan-
sion I/O Backplane without the use of the I/O Control and I/O Interface Units. Ter-
mination Resistance Units are also not required.
All Units except for CPU Bus Units (Temperature Controller Data Link Units,
SYSMAC NET Link Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters,
Ethernet Units, Personal Computer Units, and BASIC Units) can be mounted to
any of the Backplanes for which they listed in the following diagram. CPU Bus
Units can be mounted to any slot on any CPU Backplane except for the
CVM1-BC053 or CVM1-BC103 Backplane, on which CPU Bus Units can be
mounted only to the rightmost 3 and 6 slots, respectively.
I/O Connecting Cable
CV500-CN
jj3
I/O Backplane
CV500-BI042/062/112 or
CVM1-BI064/114
Power Supply Unit
CV500-PS221/PS211
or CVM1-PA208
4/6/11 slots
C500 I/O Units
C500 Special I/O Units
SYSMAC BUS Masters
CPU Backplane: CV500-BC031/051/101 or
CVM1-BC053/103
Power Supply Unit: CV500-PS221/PS211 or
CVM1-PA208
CPU: CV500-CPU01-EV1, CV1000-CPU01-EV1,
CV2000-CPU01-EV1, CVM1-CPU01-EV2,
CVM1-CPU11-EV2, or CVM1-CPU21-EV2
3, 5, or 10 slots
SYSMAC NET Link Units
SYSMAC LINK Units
SYSMAC BUS/2 Masters
Personal Computer Units
BASIC Units
C500 I/O Units
C500 Special I/O Units
SYSMAC BUS Masters
Systems with a Single
Expansion I/O Rack
System Configuration
Section 2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More