データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 20 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 20 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 16Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 17Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 18Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 19Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 20Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 182 page
background image
7
1-6
Networks and Remote I/O Systems
Systems that can be used to create networks and enable remote I/O are intro-
duced in this section. Refer to the operation manuals for the Systems for details.
The SYSMAC NET Link System is a LAN (local area network) for use in factory
automation systems. The SYSMAC NET Link System can consist of up to 128
nodes among which communications may be accomplished via datagrams,
data transfers, or automatic data links.
Datagrams transmit and receive data using a command/response format. Com-
mands can be issued from the user program by the DELIVER COMMAND in-
struction (CMND(194)).
Data can also be transmitted and received using the NETWORK SEND and
NETWORK RECEIVE (SEND(192)/RECV(193)) instructions in the user pro-
gram. Up to 256 words of data can be transferred for each instruction.
Automatic data links allow PCs and computers to create common data areas.
SYSMAC NET Link Unit
CV500-SNT31
Up to 4 Units can
be mounted.
CV-series
CPU Rack/Expansion CPU Rack
Line Server
Center Power
Feeder
C200H
C500
C1000H
C2000H
Personal
computer
Note Up to four SYSMAC NET Link Units (CV500-SNT31) can be mounted to the
CPU Rack and/or Expansion CPU Rack of each CV-series PC.
SYSMAC NET Link System
Networks and Remote I/O Systems
Section 1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More