データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 44 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 44 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 40Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 41Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 42Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 43Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 45Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 46Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 47Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 182 page
background image
31
2-3-2 I/O Control Units
An I/O Control Unit must be mounted to the CPU Rack in order to connect the
CPU Rack to an Expansion CPU Rack or to more than one Expansion I/O Rack.
Three I/O Control Unit models are available, the CV500-IC101 for connecting an
Expansion CPU Rack and/or CV-series Expansion I/O Racks, the CV500-IC201
for connecting just CV-series Expansion I/O Racks, and the CV500-IC301 for
connecting C500 Expansion I/O Racks. An I/O Control Unit can be mounted
even if no Expansion I/O or Expansion CPU Rack is used. The I/O Control Unit
must be mounted to the leftmost slot on the CPU Backplane.
Display
Display mode selector
Changes the data displayed
on the display.
CPU Bus Connector For connect-
ing an Expansion CPU Rack
I/O Connector Two series of Expan-
sion I/O Racks can be connected.
Both connectors have identical func-
tions.
To connect an Expansion CPU Rack,
connect one I/O connecter and the
CPU bus connector to the corre-
sponding connectors on the I/O Inter-
face Unit on the Expansion CPU
Rack.
CV500-IC101
CV500-IC201
Display
Display mode selector
Changes the data displayed
on the display.
I/O Connector Two series of Ex-
pansion I/O Racks can be con-
nected. Both connectors have
identical functions.
Display
Display mode selector
Changes the data displayed
on the display.
I/O Connector Connects the I/O
Connecting cable for the C500 Ex-
pansion I/O Racks.
CV500-IC301
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More