データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 60 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 60 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 56Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 57Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 58Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 59Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 60Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 64Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 182 page
background image
47
The duct work shown in the following diagram is not used for mounting the
Racks. Although optional, this duct work can be used to house the wires from the
I/O Units that run along the sides of the Racks, keeping the wires from becoming
entangled. This figures illustrate the correct way to mount the Racks.
Input duct
CPU
Rack
Expansion
I/O Rack
Fuses, relays, timers
(Do not install heat-gen-
erating equipment or
power equipment.)
Terminal
blocks for
PC
Terminal blocks for
power equipment
Power equip-
ment such as
transformers
and magnetic
relays
Breakers,
fuses
Output duct
200 mm min.
Power duct
Mounting Racks
Section 3-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More