データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3G5A2-RPT01-E データシート(PDF) 15 Page - Omron Electronics LLC

部品番号 3G5A2-RPT01-E
部品情報  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E データシート(HTML) 15 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 11Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 12Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 13Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 14Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 15Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 16Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 17Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 18Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 182 page
background image
2
1-1
Control Systems
A Control System is the electronic equipment needed to control a particular pro-
cess. It may include everything from a process control computer, to the factory
computer, down through the PCs, and then on down through the network to the
I/O devices: control components like the switches, stepping motors, solenoids,
and sensors which monitor and control mechanical operations.
PC
PC
PC
PCs
Process Control Computer
Factory Computer
I/O devices
A Control System can involve very large applications where many different mod-
els of PC are networked together or it could be an application as small as a single
PC controlling a number of output devices.
1-2
The Role of the PC
The PC is the part of the Control System that directly controls the manufacturing
process. According to the program stored in its memory, the PC accepts data
from the input devices connected to it and uses this data to monitor the con-
trolled system. When the program calls for some action to take place, the PC
sends data to the output devices connected to it to cause that action to take
place. The PC may be used to control a simple, repetitive task, or it may be con-
nected to other PCs or to a host computer in order to integrate the control of a
complex process.
The Role of the PC
Section 1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More