| データシートサーチシステム |
|
3G5A2-RPT01-E データシート(PDF) 101 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-E データシート(HTML) 101 Page - Omron Electronics LLC |
|
101 / 182 page ![]() 88 Alarm Check Flowchart Although the PC does not stop when the ALARM indicator lights, check and cor- rect such errors as soon as possible. A B A ALARM indica- tor lights? YES NO System error (FAL)? NO YES JMP error? NO YES Indirect DM BCD error? NO YES Non-fatal SFC error? NO YES Rack power failure? NO YES I/O verify error? NO YES (A40215 ON) (A40213 ON) (A40212 ON) (A40211 ON) (A40210 ON) (A40209 ON) (To next page) Check FAL No. with word A430 to A461 and remove cause of error Destination of JMP is missing Contents of indirectly ad- dress are not BCD Check program of SFC Check Racks recognized by CPU with word A419 and turn ON power to Rack No. whose bits are OFF I/O Unit has been re- moved. Check I/O Units by verifying I/O table. Correct- ly mount Units, or create I/O table End Connect peripheral device and check error Troubleshooting Flowcharts Section 5-2 |