データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 53 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 53 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics AN3350 Datasheet HTML 52Page - STMicroelectronics AN3350 Datasheet HTML 53Page - STMicroelectronics AN3350 Datasheet HTML 54Page - STMicroelectronics AN3350 Datasheet HTML 55Page - STMicroelectronics AN3350 Datasheet HTML 56Page - STMicroelectronics AN3350 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 185 page
background image
AN3350
Command-line options for eTPU code generation
Doc ID 018512 Rev 2
53/185
9
Command-line options for eTPU code generation
9.1
-kif | -keep_ intermediate_ files
Keep intermediate files
9.2
-lpm
Use linking process model. In this mode, the compiler creates a separate object file for each
compilation unit and the linker links them all together. In the normal mode, all files are
compiled together one after the other. For this reason, in the normal mode it is not possible
to use libraries or any other old object file and link it together with another object file.
9.3
-big_memory_model
Big memory model. Use indirect jumps. This is useful when using lpm and the linker issues
errors, which imply that a jump is too long.
9.4
-not_engine_relative
Do not use engine relative addressing mode in etpu2.
9.5
-no_32bit_err
Do not issue an error for 32 bit arithmetic operations.
9.6
-warn_data
Warn about stack and static data usage.
9.7
-[no]sched
Schedule assembly instructions. This is the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More