データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics AN3350 Datasheet HTML 28Page - STMicroelectronics AN3350 Datasheet HTML 29Page - STMicroelectronics AN3350 Datasheet HTML 30Page - STMicroelectronics AN3350 Datasheet HTML 31Page - STMicroelectronics AN3350 Datasheet HTML 32Page - STMicroelectronics AN3350 Datasheet HTML 33Page - STMicroelectronics AN3350 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 185 page
background image
Command-line options for language translation
AN3350
30/185
Doc ID 018512 Rev 2
#pragma c99 on
4.16
-relax_pointers
Relaxes the pointer type-checking rules in C.
Syntax
-relax_pointers
Remarks
This option is equivalent to
#pragma mpwc_relax on
4.17
-requireprotos
Controls whether or not the compiler should expect function prototypes.
Syntax
-r[equireprotos]
4.18
-search
Globally searches across paths for source files, object code, and libraries specified in the
command line.
Syntax
-search
4.19
-trigraphs
Controls the use of trigraph sequences specified by the ISO/IEC standards for C and C++.
Syntax
-trigraphs on | off
Remarks
Default setting is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More