| データシートサーチシステム |
|
AN3350 データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 185 page ![]() AN3350 C compiler Doc ID 018512 Rev 2 97/185 sizeof(4294967295) == sizeof(long long) sizeof(4294967295u) == sizeof(unsigned long) #pragma c99 off sizeof(4294967295) == sizeof(unsigned long) sizeof(4294967295u) == sizeof(unsigned long) 12.2.16 C99 complex data types The compiler supports the C99 complex and imaginary data types when the C99 extensions option is enabled. Example 37 shows an example. Example 37 C99 complex data type #include <complex.h> complex double cd = 1 + 2*I; Note: This feature is currently not available for all targets. Use #if __has_feature(C99_COMPLEX) to check if this feature is available for your target. 12.3 GCC extensions The compiler accepts many of the extensions to the C language that the GCC (Gnu Compiler Collection) tools allow. Source code that uses these extensions does not conform to the ISO/IEC 9899-1990 C (“C90”) standard. ● Controlling GCC extensions ● Initializing automatic arrays and structures ● The sizeof() operator ● Statements in expressions ● Redefining macros ● The typeof() operator ● Void and function pointer arithmetic ● The __builtin_constant_p() operator ● Forward declarations of static arrays ● Omitted operands in conditional expressions ● The __builtin_expect() operator ● Void return statements ● Minimum and maximum operators ● Local labels 12.3.1 Controlling GCC extensions Table 16 shows how to turn GCC extensions on or off. |