データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics AN3350 Datasheet HTML 23Page - STMicroelectronics AN3350 Datasheet HTML 24Page - STMicroelectronics AN3350 Datasheet HTML 25Page - STMicroelectronics AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics AN3350 Datasheet HTML 28Page - STMicroelectronics AN3350 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 185 page
background image
AN3350
Command-line options for language translation
Doc ID 018512 Rev 2
25/185
4
Command-line options for language translation
4.1
-char
Controls the default sign of the char data type.
Syntax
-char keyword
The arguments for keyword are:
signed
char data items are signed.
unsigned
char data items are unsigned.
Remarks
The default is signed.
4.2
-defaults
Controls whether the compiler uses additional environment variables to provide default
settings.
Syntax
-defaults
-nodefaults
Remarks
This option is global. To tell the command-line compiler to use the same set of default
settings as in an integrated development environment
(IDE), use -defaults. For example,
in the IDE, all access paths and libraries are explicit. defaults is the default setting.
Use -nodefaults to disable the use of additional environment variables.
4.3
-encoding
Specifies the default source encoding used by the compiler.
Syntax
-enc[oding] keyword
The options for keyword are:
ascii
American Standard Code for Information Interchange (ASCII) format. This is the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More