| データシートサーチシステム |
|
AN3350 データシート(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 データシート(HTML) 99 Page - STMicroelectronics |
|
99 / 185 page ![]() AN3350 C compiler Doc ID 018512 Rev 2 99/185 #define POW2(n) ({ int i,r; for(r=1,i=n; i>0; --i) r *= 2; r;}) int main() { return POW2(4); } 12.3.5 Redefining macros When the GCC extensions setting is on, macros may be redefined with the #define directive without first undefining them with the #undef directive.Example 41 shows an example. Example 41 Redefining a macro without undefining first #define SOCK_MAXCOLOR 100 #undef SOCK_MAXCOLOR #define SOCK_MAXCOLOR 200 /* OK: this macro is previously undefined. */ #define SOCK_MAXCOLOR 300 12.3.6 The typeof() operator When the GCC extensions setting is on, the compiler recognizes the typeof() operator. This compile-time operator returns the type of an expression. You may use the value returned by this operator in any statement or expression where the compiler expects you to specify a type. The compiler evaluates this operator at compile time. The __typeof()__ operator is the same as this operator.Example 42 shows an example. Example 42 Using the typeof() operator int *ip; /* Variables iptr and jptr have the same type. */ typeof(ip) iptr; int *jptr; /* Variables i and j have the same type. */ typeof(*ip) i; int j; 12.3.7 Void and function pointer arithmetic The ISO/IEC 9899-1990 C Standard does not accept arithmetic expressions that use pointers to void or functions. With GCC extensions on, the compiler accepts arithmetic manipulation of pointers to void and functions. |