データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 29 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 29 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 25Page - STMicroelectronics AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics AN3350 Datasheet HTML 28Page - STMicroelectronics AN3350 Datasheet HTML 29Page - STMicroelectronics AN3350 Datasheet HTML 30Page - STMicroelectronics AN3350 Datasheet HTML 31Page - STMicroelectronics AN3350 Datasheet HTML 32Page - STMicroelectronics AN3350 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 185 page
background image
AN3350
Command-line options for language translation
Doc ID 018512 Rev 2
29/185
4.13
-msext
Allows Microsoft® Visual C++ extensions.
Syntax
-msext on | off
Remarks
Turn on this option to allow Microsoft Visual C++ extensions:
Redefinition of macros
Allows XXX::yyy syntax when declaring method yyy of class XXX
Allows extra commas
Ignores casts to the same type
Treats function types with equivalent parameter lists but different return types as equal
Allows pointer-to-integer conversions, and various syntactical differences
4.14
-once
Prevents header files from being processed more than once.
Syntax
-once
Remarks
You can also add #pragma once on in a prefix file.
4.15
-pragma
Defines a pragma for the compiler.
Syntax
-pragma "name [setting]"
The arguments are:
name
Name of the pragma.
setting
Arguments to give to the pragma
Remarks
For example, this command-line option
-pragma "c99 on"
is equivalent to inserting this directive in source code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More