データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 77 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 77 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics AN3350 Datasheet HTML 75Page - STMicroelectronics AN3350 Datasheet HTML 76Page - STMicroelectronics AN3350 Datasheet HTML 77Page - STMicroelectronics AN3350 Datasheet HTML 78Page - STMicroelectronics AN3350 Datasheet HTML 79Page - STMicroelectronics AN3350 Datasheet HTML 80Page - STMicroelectronics AN3350 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 185 page
background image
AN3350
Working with the ELF linker
Doc ID 018512 Rev 2
77/185
11.2
Structure of linker command files
Linker command files consist of the following three main segments that should appear in this
order in each file:
●
Mandatory—Memory segment—maps memory segments
●
Mandatory—Sections segment—defines segment contents
●
Optional—Closure blocks—forces functions into closure
11.2.1
Memory segment
The memory segment divides available memory into segments. Section 11.4.6: MEMORY
explains this segment type. Example 12 shows an example MEMORY segment.
Example 12 Example MEMORY segment
MEMORY {
segment_1 (RWX): ORIGIN = 0x800000, LENGTH = 0x190
Linking options
-lcf -script <file>
Use a linker command file (a file with suffix .lcf is also considered as
the LCF file)
-xlcf
Do not warn when using internal lcf (by default, in case no LCF file is
given, the linker issues a warning and uses a trivial LCF template)
-e -m -main <sym>
Set main entry point (this is the address execution will start from)
-L <dir>
Add <dir> to library search path
-l <file>
Link library lib<file>.<ext> or <file>
-open_libs
Consider all libs unconditionally
-d
Perform sections dead stripping
-[no]links_abs
Link all absolute ('.org') sections
-zerobbs
Expand and zero-initialize .bss data section
-T <mem=addr>
Set segment <mem> start address to <addr>
Debug options
-g
Keep debug information
-log <string>
Log link closure to file
-map
Generate link map file
-[no]check
Check objects compatibility (recommended)
-t -trace
Print name of input files upon processes
-y -trace_sym
<string>
Show all occurrences of symbol in objects
-
[no]check_segments
Check segments address overlapping
-mseg
Use segments names for output sections
Table 9.
Linker command line switches (continued)
Options
Switch
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More