データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics AN3350 Datasheet HTML 23Page - STMicroelectronics AN3350 Datasheet HTML 24Page - STMicroelectronics AN3350 Datasheet HTML 25Page - STMicroelectronics AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 185 page
background image
AN3350
Command-line options for standard C conformance
Doc ID 018512 Rev 2
23/185
3
Command-line options for standard C conformance
3.1
-ansi
Controls the ISO/IEC 9899-1990 (“C90”) conformance options, overriding the given settings.
Syntax
-ansi keyword
The arguments for keyword are:
off
Turns ISO conformance off. Same as
-stdkeywords off -enum min -strict off.
on | relaxed
Turns ISO conformance on in relaxed mode. Same as
-stdkeywords on -enum min -strict on
strict
Turns ISO conformance on in strict mode. Same as
-stdkeywords on -enum int -strict on
3.2
-stdkeywords
Controls the use of ISO/IEC 9899-1990 (“C90”) keywords.
Syntax
-stdkeywords on | off
Remarks
Default setting is off.
3.3
-strict
Controls the use of non-standard ISO/IEC 9899-1990 (“C90”) language features.
Syntax
-strict on | off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More