| データシートサーチシステム |
|
AN3350 データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 185 page ![]() AN3350 Working with the ELF linker Doc ID 018512 Rev 2 83/185 Example 18 Embedding data directly into the output. .example_data_section : { WRITEB (0x48); /* 'H' */ WRITEB (0x69); /* 'i' */ WRITEB (0x21); /* '!' */ WRITES ("Hi!") } > example_data_section 11.4 Alphabetical keyword listing Table 11 lists all the functions, keywords, directives, and commands that linker command files can include. 11.4.1 . (location counter) The period character (.) always maintains the current position of the output location. Since the period always refers to a location in a SECTIONS block, it cannot be used outside a section definition. . can appear anywhere a symbol is allowed. Assigning a value to . that is greater than its current value causes the location counter to move, but the location counter can never be decremented. This keyword can be used to create empty space in an output section. In the example that follows, the location counter is moved to a position that is 0x10000 bytes past the symbol __start . Example 19 Moving the location counter .data : { *.(data) *.(bss) *.(COMMON) __start = .; . = __start + 0x10000; Table 11. Linker command file keywords . (location counter) SECTIONS ALIGN WRITEB FORCE_ACTIVE WRITEH KEEP_SECTION WRITES MEMORY WRITEW |