データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 119 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 119 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics AN3350 Datasheet HTML 121Page - STMicroelectronics AN3350 Datasheet HTML 122Page - STMicroelectronics AN3350 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 185 page
background image
AN3350
Predefined macros
Doc ID 018512 Rev 2
119/185
Remarks
The compiler defines this macro when compiling C++ source code. This macro is undefined
otherwise.
15.3
__CWCC__
Preprocessor macro defined as the version of the compiler frontend.
Syntax
__CWCC__
Remarks
Compilers issued after 2006 define this macro with the compiler’s frontend version. For
example, if the compiler frontend version is 4.2.0, the value of __CWCC__ is 0x4200.
Compilers issued prior to 2006 used the pre-defined macro __MWERKS__. The
__MWERKS__
predefined macro is still functional as an alias for __CWCC__.
The ISO standards do not specify this symbol.
15.4
__DATE__
Preprocessor macro defined as the date of compilation.
Syntax
__DATE__
Remarks
The compiler defines this macro as a character string representation of the date of
compilation. The format of this string is
"Mmm dd yyyy"
where Mmm is the a three-letter abbreviation of the month, dd is the day of the month, and
yyyy is the year.
15.5
__embedded_cplusplus
Defined as 1 when compiling embedded C++ source code, undefined otherwise.
Syntax
__embedded_cplusplus
Remarks
The compiler defines this macro as 1 when the compiler’s settings are configured to restrict
the compiler to translate source code that conforms to the Embedded C++ proposed
standard. The compiler does not define this macro otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More