データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 128 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 128 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 124Page - STMicroelectronics AN3350 Datasheet HTML 125Page - STMicroelectronics AN3350 Datasheet HTML 126Page - STMicroelectronics AN3350 Datasheet HTML 127Page - STMicroelectronics AN3350 Datasheet HTML 128Page - STMicroelectronics AN3350 Datasheet HTML 129Page - STMicroelectronics AN3350 Datasheet HTML 130Page - STMicroelectronics AN3350 Datasheet HTML 131Page - STMicroelectronics AN3350 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 185 page
background image
Pragmas for standard C conformance
AN3350
128/185
Doc ID 018512 Rev 2
17
Pragmas for standard C conformance
17.1
ANSI_strict
Controls the use of non-standard language features.
Syntax
#pragma ANSI_strict on | off | reset
Remarks
If you enable the pragma ANSI_strict, the compiler generates an error message if it
encounters some eTPU build tools extensions to the C language defined by the ISO/IEC
9899-1990 (“C90”) standard:
●
C++-style comments
●
Unnamed arguments in function definitions
●
Non-standard keywords
By default, this pragma is off.
17.2
c99
Controls the use of a subset of ISO/IEC 9899-1999 (“C99”) language features.
Syntax
#pragma c99 on | off | reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More