データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 142 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 142 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 138Page - STMicroelectronics AN3350 Datasheet HTML 139Page - STMicroelectronics AN3350 Datasheet HTML 140Page - STMicroelectronics AN3350 Datasheet HTML 141Page - STMicroelectronics AN3350 Datasheet HTML 142Page - STMicroelectronics AN3350 Datasheet HTML 143Page - STMicroelectronics AN3350 Datasheet HTML 144Page - STMicroelectronics AN3350 Datasheet HTML 145Page - STMicroelectronics AN3350 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 185 page
background image
Pragmas for diagnostic messages
AN3350
142/185
Doc ID 018512 Rev 2
This pragma does not correspond to any panel setting. By default, this pragma is enabled.
19.8
unused
Controls the suppression of warning messages for variables and parameters that are not
referenced in a function.
Syntax
#pragma unused ( var_name [, var_name ]... )
var_name
The name of a variable.
Remarks
This pragma suppresses the compile time warning messages for the unused variables and
parameters specified in its argument list. You can use this pragma only within a function
body. The listed variables must be within the scope of the function.
In C++, you cannot use this pragma with functions defined within a class definition or with
template functions.
Example 87 Example of pragma unused() in C
#pragma warn_unusedvar on
#pragma warn_unusedarg on
static void ff(int a)
{
int b;
#pragma unused(a,b)
/* Compiler does not warn that a and b are unused. */
}
Example 88 Example of Pragma unused() in C++
#pragma warn_unusedvar on
#pragma warn_unusedarg on
static void ff(int /* No warning */)
{
int b;
#pragma unused(b)
/* Compiler does not warn that b is unused. */
}
19.9
warning
Controls which warning numbers are displayed during compiling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More