データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 153 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 153 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 149Page - STMicroelectronics AN3350 Datasheet HTML 150Page - STMicroelectronics AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
153/185
19.30
warn_ptr_int_conv
Controls the recognition the conversion of pointer values to incorrectly-sized integral values.
Syntax
#pragma warn_ptr_int_conv on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message if an expression attempts
to convert a pointer value to an integral type that is not large enough to hold the pointer
value.
Example 104 Example for #pragma warn_ptr_int_conv
#pragma warn_ptr_int_conv on
char *my_ptr;
char too_small = (char)my_ptr; /* WARNING: char is too small. */
See also Section 19.11: warn_any_ptr_int_conv.
By default, this pragma is off.
19.31
warn_resultnotused
Controls the issuing of warning messages when function results are ignored.
Syntax
#pragma warn_resultnotused on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when it encounters a
statement that calls a function without using its result. To prevent this, cast the statement
with (void).Example 105 provides an example.
Example 105 Example of function calls with unused results
#pragma warn_resultnotused on
extern int bar();
void func()
{
bar(); /* WARNING: result of function call is not used. */
void(bar()); /* OK: void cast suppresses warning. */
}
This pragma does not correspond to any panel setting. By default, this pragma is off.
19.32
warn_undefmacro
Controls the detection of undefined macros in #if and #elif directives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More