データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3350 データシート(PDF) 171 Page - STMicroelectronics

部品番号 AN3350
部品情報  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 データシート(HTML) 171 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 167Page - STMicroelectronics AN3350 Datasheet HTML 168Page - STMicroelectronics AN3350 Datasheet HTML 169Page - STMicroelectronics AN3350 Datasheet HTML 170Page - STMicroelectronics AN3350 Datasheet HTML 171Page - STMicroelectronics AN3350 Datasheet HTML 172Page - STMicroelectronics AN3350 Datasheet HTML 173Page - STMicroelectronics AN3350 Datasheet HTML 174Page - STMicroelectronics AN3350 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 185 page
background image
AN3350
Pragmas for optimization
Doc ID 018512 Rev 2
171/185
Remarks
If you enable this pragma, the compiler removes assignments to unused variables before
reassigning them.
This pragma does not correspond to any panel setting. By default, this settings is related to
the global_optimizer level.
22.4
opt_dead_code
Controls the use of dead code optimization.
Syntax
#pragma opt_dead_code on | off | reset
Remarks
If you enable this pragma, the compiler removes a statement that other statements never
execute or call.
This pragma does not correspond to any panel setting. By default, this settings is related to
the global_optimizer level.
22.5
opt_lifetimes
Controls the use of lifetime analysis optimization.
Syntax
#pragma opt_lifetimes on | off | reset
Remarks
If you enable this pragma, the compiler uses the same processor register for different
variables that exist in the same routine but not in the same statement.
This pragma does not correspond to any panel setting. By default, this settings is related to
the global_optimizer level.
22.6
opt_loop_invariants
Controls the use of loop invariant optimization.
Syntax
#pragma opt_loop_invariants on | off | reset
Remarks
If you enable this pragma, the compiler moves all computations that do not change inside a
loop outside the loop, which then runs faster.
This pragma does not correspond to any panel setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More