データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 63 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 63 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 59Page - STMicroelectronics AN3128 Datasheet HTML 60Page - STMicroelectronics AN3128 Datasheet HTML 61Page - STMicroelectronics AN3128 Datasheet HTML 62Page - STMicroelectronics AN3128 Datasheet HTML 63Page - STMicroelectronics AN3128 Datasheet HTML 64Page - STMicroelectronics AN3128 Datasheet HTML 65Page - STMicroelectronics AN3128 Datasheet HTML 66Page - STMicroelectronics AN3128 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
63/105
4.2.19
GL_ObjDimensions_TypeDef type
/* Object type */
typedef struct
{ GL_uint16_t Height;
GL_uint16_t Length;
}GL_ObjDimensions_TypeDef;
4.2.20
GL_Page_TypeDef type
/* Object type */
/* Forward declaration for circular typedefs */
typedef struct GL_PageObj GL_Page_TypeDef;
struct GL_PageObj
{
char
objName[MAX_NAME_LENGTH];
GL_bool
Page_Active;
GL_bool
Page_Visible;
GL_uint16_t
ControlCount;
GL_ErrStatus
(*ShowPage)(GL_Page_TypeDef* pThis, GL_bool bVal);
GL_PageControls_TypeDef* PageControls[MAX_CTRL_X_PAGE];
GL_ErrStatus
(*SetPage)(GL_Page_TypeDef* pThis, GL_bool bVal);
GL_bool
(*GetObjStatus)(GL_Page_TypeDef* pThis, char* objName);
GL_Coordinate_TypeDef
(*GetObjCoordinates)(GL_Page_TypeDef* pThis, char*
objName);
};
4.2.21
GL_BusType type
/* Communication Bus Type enumeration */
typedef enum
{
GL_SPI
= 0,
GL_FSMC
= 1,
GL_OTHER = 2
}GL_BusType;
4.2.22
LCD_HW_Parameters_TypeDef type
/* Object type */
typedef struct
/* It contains the Hardware Parameter for the LCD (Bus, Port, Pins)
*/
{
GL_PortType *
LCD_Ctrl_Port_NCS;
GL_PortType *
LCD_Gpio_Data_Port;
GL_uint16_t
LCD_Ctrl_Pin_NCS;
GL_uint16_t
LCD_Gpio_Pin_SCK;
GL_uint16_t
LCD_Gpio_Pin_MISO;
GL_uint16_t
LCD_Gpio_Pin_MOSI;
GL_uint32_t
LCD_Rcc_APBPeriph_GPIO;
GL_uint32_t
LCD_Rcc_APBPeriph_GPIO_Ncs;
GL_uint32_t
LCD_Gpio_RemapPort;
GL_uint32_t
LCD_Rcc_Apb_Periph;
GL_uint32_t
LCD_Rcc_Ahb_Periph;
GL_SPIType *
LCD_Bus_Port;
GL_BusType
LCD_Connection_Mode;
}LCD_HW_Parameters_TypeDef;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More