データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 50 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 50 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics AN3128 Datasheet HTML 48Page - STMicroelectronics AN3128 Datasheet HTML 49Page - STMicroelectronics AN3128 Datasheet HTML 50Page - STMicroelectronics AN3128 Datasheet HTML 51Page - STMicroelectronics AN3128 Datasheet HTML 52Page - STMicroelectronics AN3128 Datasheet HTML 53Page - STMicroelectronics AN3128 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
50/105
Doc ID 16918 Rev 5
4.1.29
RefreshPageControl API global function
Table 34 describes the RefreshPageControl:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
GL_PageControls_TypeDef* pageLabel = NewLabel("pageLabel", "Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11), pageLabel,
&page1);
GL_PageControls_TypeDef* Button1 = NewButton( "Button1", "BUTTON1", NullFunc );
AddPageControlObj((uint16_t)((LCD_Width/10)*6),(uint8_t)((LCD_Height/9)*5),Button1,
&page1);
GL_PageControls_TypeDef* Button2 = NewButton( "Button2", "BUTTON2", NullFunc );
AddPageControlObj((uint16_t)((LCD_Width/10)*6),(uint8_t)((LCD_Height/9)*7),Button2,
&page1);
...
GL_Clear(White);
GL_SetTextColor(GL_Blue);
page1.ShowPage( &page1, GL_TRUE );
/* Modify the label in a "Label Object" */
Set_Label(&page1, "pageLabel", "Graphic Lib New")
RefreshPageControl(&page1, "pageLabel");
Table 34.
RefreshPage API function
Name
Description
Function name
RefreshPageControl
Function prototype
GL_ErrStatus RefreshPageControl (GL_Page_TypeDef* pPage, char*
objName)
Behavior description
Refresh the visualization of a page control object.
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More