データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 43 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 43 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
43/105
4.1.21
GetComboOptionActive API global function
Table 26 describes the GetComboOptionActive function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a ComboBoxGroup with its ComboOptions Object and add it
with specified coordinates to a Page Object */
GL_PageControls_TypeDef* MyComboBoxGrp = NewComboBoxGrp("MyComboBoxGrp");
AddComboOption (MyComboBoxGrp ->objPTR, "Option1", MyComboboxFunc);
AddComboOption (MyComboBoxGrp ->objPTR, "Option2", MyComboboxFunc);
AddComboOption (MyComboBoxGrp ->objPTR, "Option3", MyComboboxFunc);
AddPageControlObj(((LCD_Width/10)*7),(LCD_Height/2),MyComboBoxGrp,&page1);
void MyComboboxFunc(void)
{
if (page1.Page_Active == GL_TRUE)
{
if( GetComboOptionActive( &page1, "MyComboBoxGrp" ) == 1 )
{
GL_DisplayAdjStringLine( (uint16_t)(LCD_Height/2), (uint16_t)(LCD_Width),
"You've chosen option1", GL_TRUE );
}
else if( GetComboOptionActive( &page1, "MyComboBoxGrp" ) == 2 )
{
GL_DisplayAdjStringLine( (uint16_t)(LCD_Height/2), (uint16_t)(LCD_Width),
"You've chosen option2", GL_TRUE );
}
else if( GetComboOptionActive( &page1, "MyComboBoxGrp" ) == 3 )
{
GL_DisplayAdjStringLine( (uint16_t)(LCD_Height/2), (uint16_t)(LCD_Width),
"You've chosen option3", GL_TRUE );
}
}
}
Table 26.
GetComboOptionActive API function
Name
Description
Function name
GetComboOptionActive
Function prototype
GL_uint8_t GetComboOptionActive(GL_Page_TypeDef* pPage, char*
objName)
Behavior description
Return the active combo option number
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
None
Return value
j: the active combo option index if the object was found
GL_NULL: if the object was not found
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More