| データシートサーチシステム |
|
AN3128 データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 78/105 Doc ID 16918 Rev 5 4.6.14 GL_BUSConfig HAL function Table 53 describes the GL_BUSConfig function of the hardware abstraction layer. 4.6.15 GL_LCD_Init HAL function Table 54 describes the GL_LCD_Init function of the hardware abstraction layer. Output parameter {x} None Return value None Required preconditions None Called functions None Table 52. GL_BackLightSwitch (continued) Name Description Table 53. GL_BUSConfig Name Description Function name GL_BUSConfig Function prototype void GL_BUSConfig (GL_BusType busType) Behavior description Configures the BUS communication interface Input parameter {x} Bus type: GL_SPI or GL_FSMC Output parameter {x} None Return value None Required preconditions None Called functions None Table 54. GL_LCD_Init Name Description Function name GL_LCD_Init Function prototype void GL_LCD_Init (void) Behavior description Initializes the LCD Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions LCD_Setup() |