| データシートサーチシステム |
|
AN3128 データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 83/105 4.6.25 GL_EXTI_Init HAL function Table 64 describes the GL_EXTI_Init function of the hardware abstraction layer. 4.6.26 GL_GPIO_EXTILineConfig HAL function Table 65 describes the GL_GPIO_EXTILineConfig function of the hardware abstraction layer. Required preconditions None Called functions EXTI_DeInit() Table 63. GL_EXTI_DeInit (continued) Name Description Table 64. GL_EXTI_Init Name Description Function name GL_EXTI_Init Function prototype void GL_EXTI_Init (GL_EXTI_InitTypeDef* EXTI_InitStruct) Behavior description Initializes the EXTI peripheral according to the specified parameters in the EXTI_InitStruct. Input parameter {x} EXTI_InitStruct: pointer to an EXTI_InitTypeDef structure that contains the configuration information for the EXTI peripheral Output parameter {x} None Return value None Required preconditions None Called functions EXTI_Init (EXTI_InitStruct) Table 65. GL_GPIO_EXTILineConfig Name Description Function name GL_GPIO_EXTILineConfig Function prototype void GL_GPIO_EXTILineConfig (GL_uint8_t GPIO_PortSource, GL_uint8_t GPIO_PinSource) Behavior description Selects the GPIO pin used as the EXTI Line Input parameter {x} GPIO_PortSource: selects the GPIO port to be used as source for EXTI lines. This parameter can be GPIO_PortSourceGPIOx where x can be (A..G). GPIO_PinSource: specifies the EXTI line to be configured. This parameter can be GPIO_PinSourcex where x can be (0..15). Output parameter {x} None Return value None |