データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 73 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 73 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 69Page - STMicroelectronics AN3128 Datasheet HTML 70Page - STMicroelectronics AN3128 Datasheet HTML 71Page - STMicroelectronics AN3128 Datasheet HTML 72Page - STMicroelectronics AN3128 Datasheet HTML 73Page - STMicroelectronics AN3128 Datasheet HTML 74Page - STMicroelectronics AN3128 Datasheet HTML 75Page - STMicroelectronics AN3128 Datasheet HTML 76Page - STMicroelectronics AN3128 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
73/105
4.6.3
GL_SetBackColor HAL function
Table 42 describes the GL_SetBackColor function of the hardware abstraction layer.
4.6.4
GL_Clear HAL function
Table 43 describes the GL_Clear function of the hardware abstraction layer.
Required preconditions None
Called functions
LCD_SetTextColor (TextColor)
Table 41.
GL_SetTextColor (continued)
Name
Description
Table 42.
GL_SetBackColor
Name
Description
Function name
GL_SetBackColor
Function prototype
void GL_SetBackColor (__IO uint16_t BackColor)
Behavior description
Sets the background color
Input parameter {x}
Color: specifies the background color code RGB(5-6-5)
Output parameter {x}
BackColor: background color global variable used by GL_DrawChar and
GL_DrawPicture functions
Return value
None
Required preconditions None
Called functions
LCD_SetBackColor (BackColor)
Table 43.
GL_Clear
Name
Description
Function name
GL_Clear
Function prototype
void GL_Clear (GL_uint16_t color)
Behavior description
Clears the whole LCD
Input parameter {x}
Color: the color of the background
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
LCD_Clear (Color)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More