データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 32 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 32 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
32/105
Doc ID 16918 Rev 5
Table 15 describes the NewSlidebar function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Slidebar Object and add it with specified coordinates to
a Page Object */
GL_PageControls_TypeDef* MySlidebar = NewSlidebar("MySlidebar", "Volume",
GL_Horizontal, MySlidebarFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*7),(uint8_t)(LCD_Height/2),MySlidebar,
&page1);
Once a slidebar object instance is created using the NewSlidebar function, the slidebar
object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the slidebar object properties and methods which the final
application can use to interact with.
Table 15.
NewSlidebar API function
Name
Description
Function name
NewSlidebar
Function prototype
GL_PageControls_TypeDef* NewSlidebar (char* oName, char* Label,
GL_Direction, void* (*pEventHandler)(void))
Behavior description
Create and initialize a new slidebar object (a C structure)
Input parameter {x}
oName: object name
Label: Label for slidebar meaning
direction: the printing orientation. The parameters can be GL_Vertical or
GL_Horizontal
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More