データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 34 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 34 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
34/105
Doc ID 16918 Rev 5
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Histogram Object and add it with specified coordinates to
a Page Object */
int16_tMyHistPoints[24];
MyHistPoints = {1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16,17,18,19,20,21,22,23,24};
GL_PageControls_TypeDef* MyHistogram = NewHistogram("MyHistogram", "Hours", "Wh",
MyHistPoints, 24 );
AddPageControlObj( 0, 0, MyHistogram, &page1 );
Once a histogram object instance is created using the NewHistogram function, the
histogram object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the histogram object properties and methods which the
final application can use to interact with.
Required preconditions None
Called functions
No API/HAL layer functions
Table 16.
NewHistogram API function (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More