データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3128 データシート(PDF) 40 Page - STMicroelectronics

部品番号 AN3128
部品情報  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 データシート(HTML) 40 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
40/105
Doc ID 16918 Rev 5
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Label Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* pageLabel = NewLabel("pageLabel", "Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11),pageLabel,
&page1);
/* Modify the label in a "Label Object" */
Set_Label(&page1, "pageLabel", "Graphic Library New")
/* Get the label in a "Label Object" */
Char* label;
Get_Label(&page1, "pageLabel", label)
Figure 14, 15, 16, show, in detail, the Label Object properties and methods which the final
application can use to interact with.
4.1.18
GetComboOptionLabel API global function
Table 23 describes the GetComboOptionLabel function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Label Object and add it with specified coordinates to a
Page Object */
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11),pageLabel,
&page1);
/* Declares and initiates a Combobox object */
GL_PageControls_TypeDef* ComboBoxGrp1 = NewComboBoxGrp("ComboBoxGrp1");
Table 23.
GetComboOptionLabel API function
Name
Description
Function name
GetComboOptionLabel
Function prototype
char* GetComboOptionLabel(GL_Page_TypeDef* pPage, char* objName)
Behavior description
Return the active combo option Label
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
None
Return value
char* Label: the active combo option Label if the object was found
GL_NULL: if the object was not found
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More