| データシートサーチシステム |
|
STM32L100C6 データシート(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L100C6 データシート(HTML) 58 Page - STMicroelectronics |
|
58 / 103 page ![]() Electrical characteristics STM32L100C6 STM32L100R8/RB 58/103 DocID024295 Rev 5 All timings are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 12. Table 24. Low-power mode wakeup timings Symbol Parameter Conditions Typ Max(1) 1. Guaranteed by characterization results, unless otherwise specified Unit tWUSLEEP Wakeup from Sleep mode fHCLK = 32 MHz 0.36 - µs tWUSLEEP_LP Wakeup from Low-power sleep mode fHCLK = 262 kHz fHCLK = 262 kHz Flash enabled 32 - fHCLK = 262 kHz Flash switched OFF 34 - tWUSTOP Wakeup from Stop mode, regulator in Run mode fHCLK = fMSI = 4.2 MHz 8.2 - Wakeup from Stop mode, regulator in low-power mode fHCLK = fMSI = 4.2 MHz Voltage Ranges 1 and 2 8.2 9.3 fHCLK = fMSI = 4.2 MHz Voltage Range 3 7.8 11.2 fHCLK = fMSI = 2.1 MHz 10 12 fHCLK = fMSI = 1.05 MHz 15.5 20 fHCLK = fMSI = 524 kHz 29 35 fHCLK = fMSI = 262 kHz 53 63 fHCLK = fMSI = 131 kHz 105 118 fHCLK = MSI = 65 kHz 210 237 tWUSTDBY Wakeup from Standby mode FWU bit = 1 fHCLK = MSI = 2.1 MHz 50 103 Wakeup from Standby mode FWU bit = 0 fHCLK = MSI = 2.1 MHz 2.5 3.2 ms |