| データシートサーチシステム |
|
STM32L100C6 データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L100C6 データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 103 page ![]() Electrical characteristics STM32L100C6 STM32L100R8/RB 60/103 DocID024295 Rev 5 Low-speed external user clock generated from an external source The characteristics given in the following table result from tests performed using a low- speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 12. Figure 12. Low-speed external clock source AC timing diagram High-speed external clock generated from a crystal/ceramic resonator The high-speed external (HSE) clock can be supplied with a 1 to 24 MHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 27. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). Table 26. Low-speed external user clock characteristics(1) 1. Guaranteed by design. Symbol Parameter Min Typ Max Unit fLSE_ext User external clock source frequency 1 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD -VDD - VLSEL OSC32_IN input pin low level voltage VSS -0.3VDD - tw(LSEH) tw(LSEL) OSC32_IN high or low time 465 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time - - 10 CIN(LSE) OSC32_IN input capacitance - 0.6 - pF Table 27. HSE oscillator characteristics(1)(2) Symbol Parameter Conditions Min Typ Max Unit fOSC_IN Oscillator frequency - 1 24 MHz RF Feedback resistor - 200 - k Ω |