データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
23
Fast Read (0BH) in QPI mode
The Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is configured by
the
“Set Read Parameters (C0H)” command to accommodate a wide range application with different needs for either
maximum Fast Read frequency or minimum data access latency. Depending on the Read Parameter Bits P[5:4] setting,
the number of dummy clocks can be configured as either 4/6/8.
Figure8. Read Data Bytes at Higher Speed Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0BH
20
12
16
8
6
7
8
9
10
4
4
0
0
4
0
4
0
4
21
13
17
9
5
5
1
1
5
1
5
1
5
22
14
18
10
6
6
2
2
6
2
6
2
6
23
15
19
11
7
7
3
3
7
3
7
3
7
A23-16 A15-8
A7-0
Dummy*
11
12 13
IOs switch from
Input to output
Byte1
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
Dummy*
7.8 Dual Output Fast Read (3BH)
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit being
latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO.
The command sequence is shown in followed Figure9. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out.
Figure9. Dual Output Fast Read Sequence Diagram
Command
0
1
2
3
4
5
6
7
3BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
5
3
1
7
5
3
1
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Clocks
4
2
0
6
4
2
0
6
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com