データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 37 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 37 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
37
7.20 Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest consumption mode
(the Deep Power-Down Mode). It can also be used as an extra software protection mechanism, while the device is not in
active use, since in this mode, the device ignores all Write, Program and Erase commands. Driving CS# high deselects the
device, and puts the device in the Standby Mode (if there is no internal cycle currently in progress). But this mode is not the
Deep Power-Down Mode. The Deep Power-Down Mode can only be entered by executing the Deep Power-Down (DP)
command. Once the device has entered the Deep Power-Down Mode, all commands are ignored except the Release from
Deep Power-Down and Read Device ID (RDI) command. This releases the device from this mode. The Release from Deep
Power-Down and Read Device ID (RDI) command also allows the Device ID of the device to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up in the Standby
Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed by the command code on SI. CS#
must be driven low for the entire duration of the sequence.
The Deep Power-Down command sequence: CS# goes low  sending Deep Power-Down command  CS# goes
high. The command sequence is shown in Figure21. CS# must be driven high after the eighth bit of the command code has
been latched in; otherwise the Deep Power-Down (DP) command is not executed. As soon as CS# is driven high, it
requires a delay of tDP before the supply current is reduced to ICC2 and the Deep Power-Down Mode is entered. Any Deep
Power-Down (DP) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects
on the cycle that is in progress.
Figure21. Deep Power-Down Sequence Diagram
Command
0
1
2
3
4
5
6
7
B9H
CS#
SCLK
SI
tDP
Stand-by mode Deep Power-down mode
Figure21a. Deep Power-Down Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
B9H
tDP
Deep Power-down mode
Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com