データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
57
of Mode Bits
(1-1-2) Fast Read Opcode
3DH
15:08
3BH
3BH
(1-2-2) Fast Read Number
of Wait states
0 0000b: Wait states (Dummy
Clocks) not support
3EH
20:16
00010b
42H
(1-2-2) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
010b
(1-2-2) Fast Read Opcode
3FH
31:24
BBH
BBH
(2-2-2) Fast Read
0=not support
1=support
40H
00
0b
FEH
Unused
03:01
111b
(4-4-4) Fast Read
0=not support
1=support
04
1b
Unused
07:05
111b
Unused
43H:41H
31:08
0xFFH
0xFFH
Unused
45H:44H
15:00
0xFFH
0xFFH
(2-2-2) Fast Read Number
of Wait states
0 0000b: Wait states (Dummy
Clocks) not support
46H
20:16
00000b
00H
(2-2-2) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
000b
(2-2-2) Fast Read Opcode
47H
31:24
FFH
FFH
Unused
49H:48H
15:00
0xFFH
0xFFH
(4-4-4) Fast Read Number of Wait
states
0 0000b: Wait states (Dummy
Clocks) not support
4AH
20:16
00100b
44H
(4-4-4) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
010b
(4-4-4) Fast Read Opcode
4BH
31:24
EBH
EBH
Sector Type 1 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
4CH
07:00
0CH
0CH
Sector Type 1 erase Opcode
4DH
15:08
20H
20H
Sector Type 2 Size
Sector/block size=2^N bytes
0
x00b: this sector type don’t exist
4EH
23:16
0FH
0FH
Sector Type 2 erase Opcode
4FH
31:24
52H
52H
Sector Type 3 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
50H
07:00
10H
10H
Sector Type 3 erase Opcode
51H
15:08
D8H
D8H
Sector Type 4 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
52H
23:16
00H
00H
Sector Type 4 erase Opcode
53H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com