データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
11
6. STATUS REGISTER
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
The status and control bits of the Status Register are as follows:
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register progress.
When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when WIP bit sets 0,
means the device is not in program/erase/write status register progress.
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the internal
Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status Register, Program or
Erase command is accepted.
BP4, BP3, BP2, BP1, BP0 bits
The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase commands. These bits are written with the Write Status Register (WRSR)
command. When the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to 1, the relevant memory area (as defined in
Table1) becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands. The Block
Protect (BP4, BP3, BP2, BP1, and BP0) bits can be written provided that the Hardware Protected mode has not been set.
The Chip Erase (CE) command is executed, if the Block Protect (BP2, BP1, BP0) bits are 0 and CMP=0 or the Block
Protect (BP2, BP1, BP0) bits are 1 and CMP=1.
SRP1, SRP0 bits
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The SRP
bits control the method of write protection: software protection, hardware protection, power supply lock-down or one time
programmable protection.
SRP1
SRP0
Status Register
Description
0
0
Software Protected
The Status Register can be written to after a Write
Enable command, WEL=1.(Default)
1
0
Power Supply Lock-Down(1) (2)
Status Register is protected and cannot be written to
again until the nest Power-Down, Power-Up cycle
1
1
One Time Program(2)
Status Register is permanently protected and cannot be
written to.
NOTE:
1. When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2. This feature is available on special order. Please contact GigaDevice for details.
QE bit
The Quad Enable (QE) bit is a non-volatile bit in the Status Register that allows Quad operation. The default value of
QE bit is 1 and it cannot be changed, so that the IO2 and IO3 pins are enabled all the time.
LB3, LB2, LB1 bits
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S13-S11) that provide the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com