データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
53
7.36 Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will return to its
default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch
status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous Read Mode bit setting
(M7-M0) and Wrap Bit Setting (W6-W4).
The “Enable Reset (66H)” and the “Reset (99H)” commands can be issued in either SPI or QPI mode. The “Reset
(99H)
” command sequence as follow: CS# goes low  Sending Enable Reset command  CS# goes high  CS# goes
low  Sending Reset command  CS# goes high. Once the Reset command is accepted by the device, the device will
take approximately tRST / tRST_E to reset. During this period, no command will be accepted. Data corruption may happen if
there is an on-going or suspended internal Erase or Program operation when Reset command sequence is accepted by
the device. It is recommended to check the BUSY bit and the SUS bit in Status Register before issuing the Reset command
sequence.
Figure38. Enable Reset and Reset command Sequence Diagram
Command
0
1
2
3
4
5
6
7
66H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
99H
Figure38a. Enable Reset and Reset command Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
66H
0
1
Command
99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com