データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
62
8.6 AC CHARACTERISTICS
(T= -40℃~85℃, VCC=1.65~2.0V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC1
Serial Clock Frequency For: all command except for 03H,
BBH, EBH, E7H
120
MHz
fC2
Serial Clock Frequency For: BBH, EBH, E7H
104
MHz
fR
Serial Clock Frequency For: 03H
80
MHz
tCLH
Serial Clock High Time
3.5
ns
tCLL
Serial Clock Low Time
3.5
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tCLQV
Clock Low To Output Valid
7
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature
Read
20
μs
tSUS
CS# High To Next Command After Suspend
20
us
tRS
Latency Between Resume And Next Suspend
100
μs
tRST
CS# High To Next Command After Reset (except from
erase)
30
μs
tRST_E
CS# High To Next Command After Reset (from erase)
12
ms
tW
Write Status Register Cycle Time
5
45
ms
tPP
Page Programming Time
0.7
2.4
ms
tSE
Sector Erase Time
90
500
ms
tBE1
Block Erase Time (32K Bytes)
0.3
0.8
s
tBE2
Block Erase Time (64K Bytes)
0.45
1.2
s
tCE
Chip Erase Time (GD25LB64C)
30
60
s
Note:
1. Typical value tested at T = 25℃.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com