データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIS データシート(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS データシート(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
68
10.3 Package WSON8 (6*5mm)
D
E
Top View
D2
E2
L
b
e
Bottom View
c
A1
A
Side View
PIN 1#
1
4
8
5
Dimensions
Symbol
A
A1
c
b
D
D2
E
E2
e
L
Unit
mm
Min
0.70
0.00
0.180
0.35
5.90
3.30
4.90
3.90
1.27
0.50
Nom
0.75
0.02
0.203
0.40
6.00
3.40
5.00
4.00
0.60
Max
0.80
0.05
0.250
0.50
6.10
3.50
5.10
4.10
0.75
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com