| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 43 Page - NXP Semiconductors |
|
43 / 111 page ![]() Electrical characteristics i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 43 3.6.1 Differential I/O output buffer impedance The Differential CCM interface is designed to be compatible with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A, Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits (2001) for details. 3.6.2 DDR I/O output buffer impedance Table 32 shows DDR I/O output buffer impedance of i.MX 8M Plus family of processors. 3.7 System modules timing This section contains the timing and electrical parameters for the modules in each i.MX 8M Plus processor. Table 32. DDR I/O output buffer impedance Parameter Symbol Test Conditions DSE (Drive Strength) Typical Note Unit NVCC_DRAM = 1.2 V (DDR4) NVCC_DRAM = 1.1 V (LPDDR4) Output Driver Impedance1, 2, 3 1 Output driver impedance is controlled across PVTs using ZQ calibration procedure. 2 Calibration is done against 240 external reference resistor. 3 Output driver impedance deviation (calibration accuracy) is ±5% (max/min impedance) across PVTs. Rdrv 000000 Hi-Z Hi-Z — 000001 480 480 — 000010 240 240 — 000011 160 160 — 001000 120 120 — 001001 96 96 — 001010 80 80 — 001011 68 68 — 011000 60 60 4 4 Output driver impedance values are included in the IBIS model. 011001 53 53 4 011010 48 48 — 011011 43 43 — 111000 40 40 4 111001 36 36 — 111010 34 34 4 111011 32 32 — 111110 30 30 — 111111 28 28 4 |