| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 99 Page - NXP Semiconductors |
|
99 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 99 PCIE_RXN_P A14 VDD_PCI_1P8 PHY — — Input, High-Z PCIE_TXN_N B15 VDD_PCI_1P8 PHY — — Output, High-Z PCIE_TXN_P A15 VDD_PCI_1P8 PHY — — Output, High-Z PMIC_ON_REQ F22 NVCC_SNVS GPIO ALT0 snvsmix.PMIC_O N_REQ Output high with PU PMIC_STBY_REQ J24 NVCC_SNVS GPIO ALT0 ccmsrcgpcmix.PM IC_STBY_REQ Output low with PD POR_B J29 NVCC_SNVS GPIO ALT0 snvsmix.POR_B Input with PU RTC_XTALI J25 NVCC_SNVS ANALOG ALT0 snvsmix.RTC Input RTC_XTALO J26 NVCC_SNVS ANALOG — — Output, inverted of RTC_XTALI SAI1_MCLK AE12 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[20] Input with PD SAI1_RXC AH8 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[1] Input with PD SAI1_RXD0 AC10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[2] Input with PD SAI1_RXD1 AF10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[3] Input with PD SAI1_RXD2 AH9 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[4] Input with PD SAI1_RXD3 AJ8 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[5] Input with PD SAI1_RXD4 AD10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[6] Input with PD SAI1_RXD5 AE10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[7] Input with PD SAI1_RXD6 AH10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[8] Input with PD SAI1_RXD7 AH12 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[9] Input with PD SAI1_RXFS AJ9 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[0] Input with PD SAI1_TXC AJ12 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[11] Input with PD SAI1_TXD0 AJ11 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[12] Input with PD SAI1_TXD1 AJ10 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[13] Input with PD SAI1_TXD2 AH11 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[14] Input with PD SAI1_TXD3 AD12 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[15] Input with PD SAI1_TXD4 AH13 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[16] Input with PD SAI1_TXD5 AH14 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[17] Input with PD SAI1_TXD6 AC12 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[18] Input with PD SAI1_TXD7 AJ13 NVCC_SAI1_SAI5 GPIO ALT5 gpio4.IO[19] Input with PD Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |