| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 111 page ![]() Electrical characteristics i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 69 Figure 38. Toggle mode data read timing Table 52. Toggle mode timing parameters ID Parameter Symbol Timing T = GPMI Clock Cycle Unit Min. Max. NF1 NAND_CLE setup time tCLS (AS + DS) T - 0.12 [see note1,2] NF2 NAND_CLE hold time tCLH DH T - 0.72 [see note2] NF3 NAND_CE0_B setup time tCS (AS + DS) T - 0.58 [see notes,2] NF4 NAND_CE0_B hold time tCH DH T - 1 [see note2] NF5 NAND_WE_B pulse width tWP DS T [see note2] NF6 NAND_ALE setup time tALS (AS + DS) T - 0.49 [see note2] NF7 NAND_ALE hold time tALH DH T - 0.42 [see note2] NF8 Command/address NAND_DATAxx setup time tCAS DS T - 0.26 [see note2] NF9 Command/address NAND_DATAxx hold time tCAH DH T - 1.37 [see note2] NF18 NAND_CEx_B access time tCE CE_DELAY T [see note3,2]— ns NF22 clock period tCK — — ns NF23 preamble delay tPRE PRE_DELAY T [see note4,2]— ns |