| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 58 Page - NXP Semiconductors |
|
58 / 111 page ![]() i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 58 NXP Semiconductors Electrical characteristics GPIO1_IO08 enet_qos.1588_EVENT0_IN; enet_qos.1588_EVENT0_AUX_IN RMII/RGMII ALT1/ALT4 I Capture/compare block input/output event bus signal. When configured for capture and a rising edge is detected, the current timer value is latched and transferred into the corresponding ENET_TCCRn register for inspection by software. When configured for compare, the corresponding signal 1588_EVENT is asserted for one cycle when the timer reaches the compare value programmed in register ENET_TCCRn. An interrupt or DMA request can be triggered if the corresponding bit in ENET_TCSRn[TIE] or ENET_TSCRn[TDRE] is set. ALT1 is for enet_qos.1588_EVENT1_IN. ALT4 is for enet_qos.1588_EVENT1_AU X_IN. GPIO1_IO09 enet_qos.1588_EVENT0_OUT RMII/RGMII ALT1 O — ENET_MDC enet_qos.MDC RMII/RGMII ALT0 O — ENET_MDIO enet_qos.MDIO RMII/RGMII ALT0 I/O — ENET_TD3 enet_qos.RGMII_TD3 RGMII ALT0 O Only used for RGMII ENET_TD2 RMII.REF_CLK; enet_qos.RGMII_TD2 RMII/RGMII ALT1/ALT0 I/O ALT0 is only for RGMII TD2 output, ALT1 is for RMII clock. Used as RMII clock and RGMII data, there are two RMII clock schemes: • MAC generates output 50M reference clock for PHY, also MAC uses this 50M clock. • MAC uses external 50M clock. ENET_TD1 enet_qos.RGMII_TD1 RMII/RGMII ALT0 O — ENET_TD0 enet_qos.RGMII_TD0 RMII/RGMII ALT0 O — ENET_TX_CTL RMII.TX_EN; enet_qos.RGMII_TX_CTL RMII/RGMII ALT0 O — Table 47. ENET QOS signal mapping (continued) Pad name Description Mode Alt mode Direction Comments |