| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 96 Page - NXP Semiconductors |
|
96 / 111 page ![]() i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 96 NXP Semiconductors Package information and contact assignments HDMI_TXC_P AH24 VDD_HDMI_1P8 PHY —— — I2C1_SCL AC8 NVCC_I2C_UART GPIO ALT5 gpio5.IO[14] Input with PD I2C1_SDA AH7 NVCC_I2C_UART GPIO ALT5 gpio5.IO[15] Input with PD I2C2_SCL AH6 NVCC_I2C_UART GPIO ALT5 gpio5.IO[16] Input with PD I2C2_SDA AE8 NVCC_I2C_UART GPIO ALT5 gpio5.IO[17] Input with PD I2C3_SCL AJ7 NVCC_I2C_UART GPIO ALT5 gpio5.IO[18] Input with PD I2C3_SDA AJ6 NVCC_I2C_UART GPIO ALT5 gpio5.IO[19] Input with PD I2C4_SCL AF8 NVCC_I2C_UART GPIO ALT5 gpio5.IO[20] Input with PD I2C4_SDA AD8 NVCC_I2C_UART GPIO ALT5 gpio5.IO[21] Input with PD JTAG_MOD G20 NVCC_JTAG GPIO ALT0 cjtag_wrapper.MO D Input with PD JTAG_TCK G18 NVCC_JTAG GPIO ALT0 cjtag_wrapper.TC K Input with PU JTAG_TDI G16 NVCC_JTAG GPIO ALT0 cjtag_wrapper.TDI Input with PU JTAG_TDO F14 NVCC_JTAG GPIO ALT0 cjtag_wrapper.TD O Input with PU JTAG_TMS G14 NVCC_JTAG GPIO ALT0 cjtag_wrapper.TM S Input with PU LVDS0_CLK_N G28 VDD_LVDS_1P8 PHY —— — LVDS0_CLK_P F29 VDD_LVDS_1P8 PHY —— — LVDS0_D0_N E28 VDD_LVDS_1P8 PHY —— — LVDS0_D0_P D29 VDD_LVDS_1P8 PHY —— — LVDS0_D1_N F28 VDD_LVDS_1P8 PHY —— — LVDS0_D1_P E29 VDD_LVDS_1P8 PHY —— — LVDS0_D2_N H28 VDD_LVDS_1P8 PHY —— — LVDS0_D2_P G29 VDD_LVDS_1P8 PHY —— — LVDS0_D3_N J28 VDD_LVDS_1P8 PHY —— — LVDS0_D3_P H29 VDD_LVDS_1P8 PHY —— — LVDS1_CLK_N B28 VDD_LVDS_1P8 PHY —— — LVDS1_CLK_P A28 VDD_LVDS_1P8 PHY —— — LVDS1_D0_N B26 VDD_LVDS_1P8 PHY —— — LVDS1_D0_P A26 VDD_LVDS_1P8 PHY —— — Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |