| データシートサーチシステム |
|
IMX8MPCEC データシート(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC データシート(HTML) 95 Page - NXP Semiconductors |
|
95 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 95 GPIO1_IO01 E8 NVCC_GPIO GPIO ALT0 gpio1.IO[1] Output low during reset, input with PD after reset GPIO1_IO02 B6 NVCC_GPIO GPIO ALT0 gpio1.IO[2] Input with PU GPIO1_IO03 D6 NVCC_GPIO GPIO ALT0 gpio1.IO[3] Input with PD GPIO1_IO04 E6 NVCC_GPIO GPIO ALT0 gpio1.IO[4] Input with PD GPIO1_IO05 B4 NVCC_GPIO GPIO ALT0 gpio1.IO[5] Output high during reset, input with PU after reset GPIO1_IO06 A3 NVCC_GPIO GPIO ALT0 gpio1.IO[6] Input with PD GPIO1_IO07 F6 NVCC_GPIO GPIO ALT0 gpio1.IO[7] Input with PD GPIO1_IO08 A8 NVCC_GPIO GPIO ALT0 gpio1.IO[8] Input with PD GPIO1_IO09 B8 NVCC_GPIO GPIO ALT0 gpio1.IO[9] Input with PD GPIO1_IO10 B7 NVCC_GPIO GPIO ALT0 gpio1.IO[10] Input with PD GPIO1_IO11 D8 NVCC_GPIO GPIO ALT0 gpio1.IO[11] Input with PD GPIO1_IO12 A5 NVCC_GPIO GPIO ALT0 gpio1.IO[12] Input with PD GPIO1_IO13 A6 NVCC_GPIO GPIO ALT0 gpio1.IO[13] Input with PD GPIO1_IO14 A4 NVCC_GPIO GPIO ALT0 gpio1.IO[14] Input with PD GPIO1_IO15 B5 NVCC_GPIO GPIO ALT0 gpio1.IO[15] Input with PD HDMI_CEC AD22 NVCC_ECSPI_HDMI PHY ALT5 gpio3.IO[28] Input with PD HDMI_DDC_SCL AC22 NVCC_ECSPI_HDMI PHY ALT5 gpio3.IO[26] Input with PD HDMI_DDC_SDA AF22 NVCC_ECSPI_HDMI PHY ALT5 gpio3.IO[27] Input with PD HDMI_HPD AE22 NVCC_ECSPI_HDMI PHY ALT5 gpio3.IO[29] Input with PD HDMI_REXT AJ28 VDD_HDMI_1P8 PHY —— — HDMI_TX0_N AJ25 VDD_HDMI_1P8 PHY —— — HDMI_TX0_P AH25 VDD_HDMI_1P8 PHY —— — HDMI_TX1_N AJ26 VDD_HDMI_1P8 PHY —— — HDMI_TX1_P AH26 VDD_HDMI_1P8 PHY —— — HDMI_TX2_N AJ27 VDD_HDMI_1P8 PHY —— — HDMI_TX2_P AH27 VDD_HDMI_1P8 PHY —— — HDMI_TXC_N AJ24 VDD_HDMI_1P8 PHY —— — Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |